Part Number Hot Search : 
MB2821 P6KE12A 8STRR 67BZI BZX84C10 SCH2808 E13005B TLGU62TF
Product Description
Full Text Search
 

To Download DSEC60-03A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEC 60-03A DSEC 60-03AR
HiPerFREDTM Epitaxial Diode
with common cathode and soft recovery
IFAV = 2x 30 A VRRM = 300 V trr = 30 ns
TO-247 AD
Version A
VRSM V 300 300
VRRM V 300 300
Type
ISOPLUS 247TM
Version AR
DSEC 60-03A DSEC 60-03AR
A
C
A
A C A C (TAB)
A C A
Isolated back surface *
A = Anode, C = Cathode
* Patent pending
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md * FC VISOL ** Weight
Conditions TC = 145C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 3 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 70 30 300 1.2 0.3 -55...+175 175 -55...+150 A A A mJ A C C C W Nm N V~ g Features
q q q q q q q q
TC = 25C mounting torque mounting force with clip 50/60 Hz, RMS, t = 1 minute, leads-to-tab typical
165 0.8...1.2 10...50 2500 6
International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0 Version AR isolated and UL registered E153432
Applications
q
q q q
* Verson A only; ** Version AR only
Symbol IR x
Conditions TVJ = 25C VR = VRRM TVJ = 150C VR = VRRM IF = 30 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 250 1 0.91 1.25 0.9 0.25 mA mA V V K/W K/W ns
q
q q q
Antiparallel diode for high frequency switching devices Antisaturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders
VF y RthJC RthCH trr IRM
Advantages
q
IF = 1 A; -di/dt = 200 A/ms; VR = 30 V; TVJ = 25C VR = 100 V; IF = 50 A; -diF/dt = 100 A/ms TVJ = 100C
30 7
q
A
q
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 % y Pulse Width = 300 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
Avalanche voltage rated for reliable operation Soft reverse recovery for low EMI/RFI Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
Dimensions see outlines.pdf
025
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2000 IXYS All rights reserved
1-2
DSEC 60-03A DSEC 60-03AR
60 A IF 40 TVJ=150C TVJ=100C TVJ= 25C 20 200 5 0 0.0 0 100 0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt 10 400 Qr 800 TVJ = 100C nC 600 IF = 60A IF = 30A IF = 15A 15 VR = 150V IRM 20 IF = 60A IF = 30A IF = 15A 30 A 25 TVJ = 100C VR = 150V
0.5
1.0 VF
V
1.5
Fig. 1 Forward current IF versus VF
1.4
Fig. 2 Reverse recovery charge Qr versus -diF/dt
90 ns TVJ = 100C VR = 150V
Fig. 3 Peak reverse current IRM versus -diF/dt
14 V VFR 12 tfr 0.8 VFR 0.6 10 0.4 0.2 8 0.0 600 A/ms 1000 800 diF/dt TVJ = 100C IF = 30A 1.2 s 1.0 tfr
1.2 Kf 1.0 IRM
trr
80
70 IF = 60A 60 Qr IF = 30A IF = 15A
0.8
0.6
50
0.4 0 40 80 120 C 160 TVJ
40 0 200 400 600 -diF/dt 800 A/ms 1000
0
200
400
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i Rthi (K/W) 0.465 0.179 0.256 ti (s) 0.005 0.0003 0.04
0.1 ZthJC 0.01
1 2 3
0.001
0.0001 0.00001
DSEP30-03A/DSEC 60-03A
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case
025
NOTE: Fig. 2 to Fig. 6 shows typical values
(c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEC60-03A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X